PART |
Description |
Maker |
HM62V16100LBPI-4 HM62V16100LBPI-4SL HM62V16100LBPI |
Wide Temperature Range Version 宽温版本 Wide Temperature Range Version 16 M SRAM (1-Mword × 16-bit) Wide Temperature Range Version 16 M SRAM (1-Mword 隆驴 16-bit)
|
Hitachi,Ltd. Renesas Electronics Corporation
|
HM62V16256CLTTI-7 HM62V16256CI |
Wide Temperature Range Version 4 M SRAM (256-kword ′ 16-bit)
|
Renesas Electronics Corporation
|
HM62V16514I HM62V16514LTTI-5 HM62V16514LTTI-5SL |
Wide Temperature Range Version 8 M SRAM (512-kword x 16-bit)
|
Renesas Electronics Corporation
|
R1LV0416CSB-7LI |
Wide Temperature Range Version 4M SRAM (256-kword 16-bit)
|
Renesas Electronics Corporation.
|
R1LV0416CBG-7LI R1LV0416CBG-5SI |
Wide Temperature Range Version 4M SRAM (256-kword 16-bit)
|
Renesas Electronics Corporation.
|
HM62W16255HCTTI-12 HM62W16255CJPI12 HM62W16255CTTI |
Wide Temperature Range Version 4M High Speed SRAM (256-kword ′ 16-bit) Wide Temperature Range Version 4M High Speed SRAM (256-kword ? 16-bit)
|
HITACHI[Hitachi Semiconductor]
|
PG-101 PG-104 PG-2BC |
3A, Fast Transient Response, Low Noise, LDO Regulators; Package: TO-220; No of Pins: 5; Temperature Range: -40°C to 125°C High Power CCFL Controller for Wide Dimming Range and Maximum Lamp Lifetime; Package: SSOP; No of Pins: 16; Temperature Range: -40°C to 85°C
|
Samsung Semiconductor Co., Ltd.
|
T3441N |
Full blocking 50/60Hz over a wide range temperature range
|
Infineon Technologies A...
|
R1LV1616HSA-4LI R1LV1616HSA-4SI R1LV1616H-I R1LV16 |
Wide Temperature Range Version 16 M SRAM (1-Mword × 16-bit / 2-Mword × 8-bit)
|
Renesas Electronics Corporation
|
AM26LS32DCB AM26LS32JCTR AM26LS32/BEA AM26LS33/B2C |
Micropower Precision Shunt Voltage Reference; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C Wide Input Range, High Efficiency, Step-Down Switching Regulator; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C Low Noise, Rail-to-Rail Precision Op Amp; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C 1.1MHz, 0.4V/us Over-The-Top Micropower, Rail-To-Rail Input and Output Op Amp; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C 1.1MHz, 0.4V/us Over-The-Top Micropower, Rail-To-Rail Input and Output Op Amp; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C Positive High Voltage Hot Swap Controllers; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C Line Receiver 线路接收
|
接收 Advanced Micro Devices, Inc.
|
HFTV1108GS-TR |
Wide temperature range
|
STANLEY ELECTRIC CO.,LT...
|
HN58V65AI HN58V66AI HN58V66API-10E HN58V65ATI-10E |
64k EEPROM (8-kword x 8-bit) Ready/Busy function, RES function (HN58V66A) Wide Temperature Range version 64K的EEPROM的(8 KWord的8位)就绪/忙功能水库功能(HN58V66A)宽温版 8K X 8 EEPROM 3V, 100 ns, PDIP28
|
Renesas Electronics Corporation. Renesas Electronics, Corp. http://
|